Part Number Hot Search : 
ZX84C3V6 1A105 74HC25 HT82V IRFZ24 0509S 1008C 1863635X
Product Description
Full Text Search
 

To Download MIO600-65E11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIO 600-65E11
IGBT Module
Single switch
Short Circuit SOA Capability Square RBSOA
C C'
3 5
IC80 = 600 A = 6500 V VCES VCE(sat) typ = 4.2 V
C
7
C
9
G
2
E'
1
E
4
E
6
E
8
IGBT Symbol VCES VGES IC85 ICM tSC TC = 85C tp = 1 ms; TC = 85C VCC = 4400 V; VCEM CHIP = < 6500 V; VGE < 15 V; TVJ < 125C Conditions Conditions VGE = 0 V Maximum Ratings 6500 20 600 1200 10 V V A A s
Features * NPT IGBT - Low-loss - Smooth switching waveforms for good EMC * Industry standard package - High power density - AISiC base-plate for high power cycling capacity - AIN substrate for low thermal resistance Typical Applications * AC power converters for - industrial drives - windmills - traction * LASER pulse generator
Symbol
Characteristic Values (TVJ = 25C, unless otherwise specified) min. typ. max. 4.2 5.4 6 8 V V V
VCE(sat) VGE(th) ICES IGES td(on) tr td(off) tf Eon Eoff Cies Coes C res Qge RthJC
IC = 600 A; VGE = 15 V; TVJ = 25C TVJ = 125C IC = 240 mA; VCE = VGE VCE = 6500 V; VGE = 0 V; TVJ = 125C VCE = 0 V; VGE = 20 V; TVJ = 125C RG = 3.9 RG = 3.9 Inductive load; TVJ = 125C; R = 2.7 G VGE = 15 V; VCC = 3600 V; R = 2.7 G IC = 600 A; L = 280 nH RG = 3.9 RG = 2.7 VCE = 25 V; VGE = 0 V; f = 1 MHz IC = 600 A; VCE = 3600 V; VGE = 15 V
120 mA 500 nA 620 270 1500 930 4250 3250 150 7.57 1.46 9.65 ns ns ns ns mJ mJ nF nF nF C 0.011 K/W
Collector emitter saturation voltage is given at chip level IXYS reserves the right to change limits, test conditions and dimensions.
0547
(c) 2005 IXYS All rights reserved
1-5
MIO 600-65E11
Diode Symbol IF80 IFSM Conditions TC = 80C VR = 0 V; TVJ = 125C; tp = 10 ms; half-sinewave Maximum Ratings 600 6000 A A
Symbol VF IRM trr QRR Erec RthJC
Conditions IF = 600 A; TVJ = 25C TVJ = 125C
Characteristic Values min. typ. max. 3.2 3.4 930 2200 1150 2100 V V A ns C mJ 0.021 K/W
VCC = 3600 V; IC = 600 A; VGE = 15 V; RG = 3.9 ; TVJ = 125C Inductive load; L = 280 nH
Forward voltage is given at chip level
Symbol TJM TVJ Tstg VISOL Md
Conditions max junction temperature Operatingtemperature Storage temperature 50 Hz, 1 min Mounting torque Base-heatsink, M6 screws Main terminals, M8 screws Auxiliary terminals, M4 screws
Maximum Ratings +125 -40...+125 -40...+125 10200 C C C V~
4 - 6 Nm 8 - 10 Nm 2 - 3 Nm
Symbol dA dS VE CTI L Rterm-chip * RthCH Weight
Conditions Clearance distance terminal to base IEC 60664-1 / EN 50124-1 terminal to terminal Surface creepage dist. terminal to base IEC 60664-1 / EN 50124-1 terminal to terminal Partial discharge extinction voltage f = 50 Hz, QPD 10pC (IEC 61287) Comperative tracking index Module stray inductance, C to E terminal Resistance terminal to chip per module; grease = 1 W/m*K
Characteristic Values min. typ. max. 40 26 64 56 5100 600 18 0.12 0.006 1760 nH m K/W g mm mm mm mm V
(c) 2005 IXYS All rights reserved
2-5
0547
MIO 600-65E11
1200
1200 17V
1000 17V 800 15V
IC [A]
1000
15V 13V
800
11V
IC [A]
13V 600 11V
600
400
400 9V
200
9V Tvj = 25 C
200 Tvj = 125 C 0
0 0 1 2 3 4 VCE [V] 5 6 7 8
0
1
2
3
4
5 VCE [V]
6
7
8
9
10
Fig. 1 Typical output characteristics, chip level
1200
Fig. 2 Typical output characteristics, chip level
1200 VCE = 20 V
1000 25 C 800 125 C IC [A] 600
1000
800
IC [A]
600
400
400 125 C
25 C
200
VGE = 15V
200
0 0 1 2 3 4 VCE [V] 5 6 7 8
0 0 1 2 3 4 5 6 7 8 9 10 11 12 13 VGE [V]
Fig. 3
20
Typical on-state characteristics, chip level
1000
Fig. 4
Typical transfer characteristics, chip level
VGE = 0V fOSC = 1 MHz VOSC = 50 mV VCC = 3600 V 15
100
Cies
VCC = 4400 V VGE [V] 10
C [nF]
Coes
10
5 Cres IC = 600 A Tvj = 25 C 0 0 1 2 3 4 5 Qg [C] 6 7 8 9
1 0 5 10 15 20 VCE [V] 25 30 35
(c) 2005 IXYS All rights reserved
3-5
0547
Fig. 5 Typical gate charge characteristics
Fig. 6 Typical capacitances vs collector-emitter voltage
MIO 600-65E11
12 VCC = 3600V RGon = 3.9 ohm RGoff = 2.7 ohm VGE = 15V Tvj = 125 C Ls = 280 nH
Eon, Eoff [J]
20 18 16 14 12 10 8 6 4 Eoff Eon VCC = 3600 V IC = 600A VGE = 15 V Tvj = 125 C L = 280 nH
10
8 Eon, Eoff [J]
6
Eon
4
Eoff
2
2
E sw [J] = 4.5 x 10
-6
x I C + 8.6 x 10
2
-3
x I C + 0.61
0 0 300 600 IC [A] 900 1200
0 0 10 20 RG [ohm] 30 40
Fig. 7 Typical switching energies per pulse versus collector current
10 VCC = 3600 V RGon = 3.9 ohm RGoff = 2.7 ohm VGE = 15 V Tvj = 125 C L = 280 nH td(on), tr, td(off), tf [s] 10
Fig. 8 Typical switching energies per pulse versus gate resistor
td(off)
td(on)
td(off) td(on) tr, td(off), tf [s]
1 tf td(on)
1
tr
tf VCC = 3600 V IC = 600 A VGE = 15 V Tvj = 125 C L = 280 nH 0.1
tr 0.1 0 300 600 IC [A] 900 1200
0
10
20 RG [ohm]
30
40
Fig. 9 Typical switching times vs. collector current
2.5 VCC 4400 V, Tvj = 125 C, VGE = 15 V RGoff = 2.7 ohm, L 280 nH
Fig. 10
1200
Typical switching times vs. gate resistor
1000 2 800 1.5 ICpulse / IC IF [A] 600 25 C 125 C
1
400
0.5 Chip Module 0 0 1000 2000 3000 4000 VCE [V] 5000 6000 7000
200
0 0 1 2 VF [V] 3 4 5
(c) 2005 IXYS All rights reserved
4-5
Fig. 14 Typical diode forward characteristics, chip level
0547
Fig. 11 Turn-off safe operating area (RBSOA)
Fig. 12 Typ. diode forward characteristics, chip level
MIO 600-65E11
3000 VCC = 3600 V RG = 3.9 ohm Tvj = 125 C L = 280 nH
2500 1200
RG = 2.2 ohm
Erec
2000
RG = 2.7 ohm
2500
Qrr
1000
Erec [mJ], Qrr [C], Irr [A]
2000
RG = 3.9 ohm
800 Qrr [C], Irr [A]
1500
Qrr 1500
RG = 5.6 ohm
Erec [mJ]
1000
1000 Irr
Erec
RG = 15 ohm
RG = 8.2 ohm
600
400 VCC = 3600 V IF = 600 A Tvj = 125 C L = 280 nH 2 3 4
Irr
500
E rec [mJ] = -1.8 x 10
-3
500
2
RG = 27 ohm
200
x I F + 3.93 x I F + 403
0 0 300 600 IF [A] 900 1200
0 0 1 di/dt [kA/s]
0
Fig. 13 Typ. reverse recovery characteristics versus forward current
1400 VCC 4400 V di/dt 4000 A/s Tvj = 125 C L 280 nH Zth(j-h) [K/W] IGBT, DIODE 0.1
Fig. 14 Typ. reverse recovery characteristics versus di/dt
1200
Zth(j-c) Diode 0.01 Zth(j-c) IGBT
1000
800 IR [A] 600
400
0.001
200
0 0 1000 2000 3000 4000 5000 VR [V] 6000 7000 0.0001 0.001 0.01 0.1 t [s] 1 10
Fig. 15 Safe operating area diode (SOA)
Fig. 16 Thermal impedance vs. time
n
Z th (j-c) (t) = R i (1 - e -t/ i )
i =1
Outline drawing
i IGBT DIODE Ri [K/kW] ti [ms] Ri [K/kW] ti [ms] 1 8.5 151 17 144 2 2 5.84 4.2 5.83
(c) 2005 IXYS All rights reserved
5-5
0547


▲Up To Search▲   

 
Price & Availability of MIO600-65E11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X